Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2310 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2310
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2310 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2310 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
5
10
15
20
25
0
2
4
6
8
10
Collector to Emitter Voltage VCE (V)
I B=0
Typical Output Characteristics
Collector Current Ic (mA)
DC Current Transfer Ratio vs.
Collector Current
0.03
0
0.1
1.0
100
200
300
Maximum Collector Dissipation Curve
Ambient Temperature Ta( C)
50
0
100
300
200
150
100
60
50
40
30
20
10 A
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0
1
0.2
0.6
0.4
4
5
3
2
1.0
0.8
VCE=12V
0.3
3
10
30
VCE=12V
Ta=7
5 C
25
o
o
ST 2SC2310



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com