Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2310 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2310
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2310 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2310 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2310 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC2310
Collector Current Ic (mA)
Small Signal Current Transfer Ratio vs.
Collector Current
0
0.03
0.1
0.3
1.0
200
100
300
f=270 Hz
VCE=12V
30
310
Collector to Base Voltage VCB (V)
4
0
1
8
12
16
20
Collector Output Capacitance vs.
Collector to Base Voltage
I E=0
f=1MHz
2
3
4
5
0
0.4
0.5
20
40
60
80
Base to Emitter Voltage vs.
Ambient Temperature
VCE=12V
I C=2mA
0.6
0.7
0.8
0.9
Emitter to Base Voltage VEB (V)
2
0
1
46
8
10
Emitter Input Capacitance vs.
Emitter to Base Voltage
I C=0
f=1MHz
2
3
4
5
-20
Ambient Temperature Ta( C)
o



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com