Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2715 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2715
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2715 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2715 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2715 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 06/05/2006
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
f=1MHz
I E=0
Figure 5. Collector Output Capacitance
VCB[V], COLLECTOR BASE VOLTAGE
1
0.1
1
100
10
VCE(sat)
VBE(sat)
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Satruation Voltage
Ic[mA], COLLECTOR CURRENT
10
0.1
0.01
1
0.1
1
10
10
Ic=10I B
Figure 1. Static Characteristic
VCE[V], COLLECTOR-EMITTER VOLTAGE
4
0
0
2
4
2
6
8
10
I B=60 A
I B=50 A
I B=40 A
I B=30 A
I B=20 A
I B=10 A
10
68
I B=90 A
I B=80 A
I B=70 A
Figure 2. DC Current Gain
VCE=10V
I C[mA], COLLECTOR CURRENT
10
Figure 6. Current Gain Bandwidth Product
1
10
100
0.8
VBE[V], BASE-EMITTER VOLTAGE
Figure 4. Base-Emitter On Voltage
1000
0
4
0
0.2
0.6
0.4
24
16
12
8
20
32
28
1.2
1.0
VCE=12V
VCE=12V
I C[mA], COLLECTOR CURRENT
0.1
10
100
110
1000
100
ST 2SC2715



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com