Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2715 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2715
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2715 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2715 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2715 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 06/05/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
TO-92 Plastic Package
Weight approx. 0.19g
ST 2SC2715
NPN Silicon Epitaxial Planar Transistor
for high frequency amplifier applications
for FM IF, OSC stage and AM CONV. IF stage
The transistor is subdivided into three groups, R,
O and Y, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
35
V
Collector Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
4
V
Collector Current
IC
50
mA
Base Current
IB
10
mA
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
-55 to +125
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 12 V, IC = 2 mA
Current Gain Group
R
O
Y
hFE
hFE
hFE
40
70
120
-
-
-
80
140
240
-
-
-
Collector Cutoff Current
at VCB = 35 V
ICBO
-
-
0.1
µA
Emitter Cutoff Current
at VEB = 4 V
IEBO
-
-
0.1
µA
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
VCE(sat)
-
-
0.4
V
Base Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
VBE(sat)
-
-
1
V
Current Gain Bandwidth Product
at VCE = 10 V, IC = 1 mA
fT
100
-
400
MHz
Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
2
3.2
pF
Power Gain
at VCE = 6 V, -IE = 1 mA, f = 10.7 MHz
Gpe
27
30
33
dB


Similar Part No. - ST2SC2715

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC2784 SEMTECH_ELEC-ST2SC2784 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC2785 SEMTECH_ELEC-ST2SC2785 Datasheet
146Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC2786 SEMTECH_ELEC-ST2SC2786 Datasheet
322Kb / 5P
NPN Silicon Epitaxial Planar Transistor
ST2SC2787 SEMTECH_ELEC-ST2SC2787 Datasheet
354Kb / 5P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC2715

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com