Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SD1616 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SD1616
Description  NPN Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD1616 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SD1616 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD1616 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SD1616 / 2SD1616A
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
2)
at VCE=2V, IC=100mA
at VCE=2V, IC=1A
R
O
Y
hFE
hFE
hFE
hFE
135
200
300
81
-
-
-
-
270
400
600
-
-
-
-
-
Base Emitter Voltage
2)
at VCE=2V ,IC=50mA
VBE
600
700
mV
Collector Cutoff Current
at VCB=60V/120V
ICBO
-
-
100
nA
Emitter Cutoff Current
at VEB=6V
IEBO
-
-
100
nA
Collector Saturation Voltage
2)
at IC=1A, IB=50mA
VCE(sat)
-
0.15
0.3
V
Base Saturation Voltage
2)
at IC=1A, IB=50mA
VBE(sat)
-
0.9
1.2
V
Gain Bandwidth Product
at VCE=2V, IC=-100mA
fT
100
160
-
MHz
Output Capacitance
at VCB=10V, f=1MHz
COB
-
19
-
pF
Turn-on Time
ton
-
0.07
-
µs
Storage Time
tstg
-
0.95
-
µs
Fall Time
at VCC=10V, IC=-100mA
IB1=-IB2=10 mA
VBE(off)=-2 to 3 V
tf
-
0.07
-
µs
2) Pulsed PW≦350µs, Duty Cycle≦2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com