Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SD1616 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SD1616
Description  NPN Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD1616 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SD1616 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD1616 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SD1616 / 2SD1616A
NPN Silicon Transistor
The 2SD1616 / 2SD1616A are designed for use in
driver and output stages of AF amplifier general
purpose application.
The transistor is subdivided into three groups R, O
and Y, according to its DC current gain
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25
OC)
Symbol
Value
Unit
2SD1616
60
Collector Base Voltage
2SD1616A
VCBO
120
V
2SD1616
50
Collector Emitter Voltage
2SD1616A
VCEO
60
V
Emitter Base Voltage
VEBO
6
V
Collector Current (DC)
IC
1
A
Collector Current (pulse)
1)
IC
2
A
Power Dissipation
Ptot
0.75
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
TS
-55 to +150
℃
1) PW≦10ms, Duty Cycle≦50%


Similar Part No. - ST2SD1616

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
More results

Similar Description - ST2SD1616

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com