Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34AW Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # RGL34AW
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RGL34AW Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  RGL34AW Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RGL34AW Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 21/07/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RGL34AW
PACKAGE OUTLINE
SOD-123
Plastic surface mounted package; 2 leads
1.15
1.05
mm
mm
UNIT
UNIT
A
0.6
0.5
b
2.7
0.135
0.127
2.6
cD
3.7
3.9
1.65
1.55
E
0.2
Hv
5°
∠
ALL ROUND
∠
A
HE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com