Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34AW Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RGL34AW
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RGL34AW Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RGL34AW Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RGL34AW Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 21/07/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RGL34AW
SCHOTTKY BARRIER DIODE
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Peak Reverse Voltage
VRM
50
V
Average Rectified Current
at Half-Wave Resistive Load 60Hz. TA=55℃
IO
0.5
A
Peak Forward Surge Current
at 8.3ms Superimposed
IFSM
10
A
Junction Temperature
TJ
125
℃
Storage Temperature
Ts
-55 to +125
℃
Characteristics at Tamb = 25℃
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IFM = 0.5A, TA=25℃
VFM
-
-
1.3
V
Reverse Leakage Current
at VR = 50V, TA=25℃
IR
-
-
5
μA
Reverse Recovery Time
at IF = 0.5A, IR=1.0A, Recover to 0.25A
Trr
-
-
50
ns


Similar Part No. - RGL34AW

ManufacturerPart #DatasheetDescription
logo
Dc Components
RGL34A DCCOM-RGL34A Datasheet
421Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGL34A GE-RGL34A Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RGL34A DIOTEC-RGL34A Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34A SEMIKRON-RGL34A Datasheet
109Kb / 2P
Fast silicon rectifier diodes
More results

Similar Description - RGL34AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com