Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS81 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BAS81
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS81 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BAS81 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS81 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS81 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 09/12/2004
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS81
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 0.1mA
at IF = 1mA
at IF = 15mA
VF
VF
VF
-
-
-
-
-
-
0.33
0.41
1
V
V
V
Leakage Current
at VR = VRMAX
IR
-
-
200
nA
Junction Capacitance
at VR = 2V, f = 1MHz
Ctot
-
-
1.6
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com