Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS81 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS81
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS81 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS81 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS81 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS81 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 09/12/2004
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS81
SILICON SCHOTTKY BARRIER DIODES
for general purpose applications
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
30
mA
Repetitive Peak Forward Current tp≦1s; δ≦0.5
IFRM
150
mA
Repetitive Peak Forward Current tp=1s
IFSM
500
mA
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-65 to +150
OC
Symbol
Value
Unit
Thermal Resistance from Junction to Ambient
Rthj-a
320
K/W


Similar Part No. - BAS81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS81 PHILIPS-BAS81 Datasheet
43Kb / 8P
Schottky barrier diodes
1998 Jun 24
logo
Vishay Siliconix
BAS81 VISHAY-BAS81 Datasheet
51Kb / 4P
Schottky Barrier Diodes
01-Apr-99
BAS81 VISHAY-BAS81 Datasheet
75Kb / 5P
Small Signal Schottky Diodes
15-Mar-06
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
BAS81 VISHAY-BAS81 Datasheet
111Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - BAS81

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
SD101A SEMTECH_ELEC-SD101A Datasheet
123Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL103A SEMTECH_ELEC-LL103A Datasheet
203Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
SD103A SEMTECH_ELEC-SD103A Datasheet
121Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
Silicon Medium Barrier Schottky Diodes
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com