Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # LL103C
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL103C Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  LL103C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LL103A...LL103C
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 20mA
at IF = 200mA
VF
VF
-
-
-
-
0.37
0.6
V
V
Leakage Current
at VR = 30V
at VR = 20V
at VR=10V
LL103A
LL103B
LL103C
IR
IR
IR
-
-
-
-
-
-
5
5
5
uA
uA
uA
Junction Capacitance
at VR = 0V, f = 1MHz
Ctot
-
50
-
pF
Reverse Recovery Time
at IF = IR = 5mA to 200 mA , recover to 0.1 IR
trr
-
10
-
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com