Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LL103C
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL103C Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LL103C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL103C Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LL103A...LL103C
SILICON SCHOTTKY BARRIER DIODES
for general purpose applications
The LL103A, B, C is a metal on Silicon Schottky barrier
device which is protected by a PN junction guard ring. The
low forward voltage drop and fast switching make it ideal for
protection of MOS devices, steering, biasing and coupling
diodes for fast switching and low logic level applications.
Other uses are for click suppression, efficient full wave
bridges in telephone subsets, and as blocking diodes in
rechargeable low voltage battery systems.
This diode is also available in DO-35 case with type
designation SD103A, B, C.
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Peak Reverse Voltage
LL103A
LL103B
LL103C
VRRM
VRRM
VRRM
40
30
20
V
V
V
Power Dissipation (Infinite Heatsink)
Tc = 3/8 from body
Derates at 4 mW/
oC to 0 at 125 oC
Ptot
400
1)
mW
Single Cycle Surge 60Hz sinewave
IFSM
15
A
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-55 to +175
OC
1) Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - LL103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103C SEMTECH-LL103C Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103C GE-LL103C Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103C DIOTEC-LL103C Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103C EIC-LL103C Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103C ETC1-LL103C Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
SD101A SEMTECH_ELEC-SD101A Datasheet
123Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
SD103A SEMTECH_ELEC-SD103A Datasheet
121Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
Silicon Medium Barrier Schottky Diodes
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com