Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVTH574W Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54LVTH574W
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH574W Datasheet(HTML) 4 Page - Texas Instruments

  SN54LVTH574W Datasheet HTML 1Page - Texas Instruments SN54LVTH574W Datasheet HTML 2Page - Texas Instruments SN54LVTH574W Datasheet HTML 3Page - Texas Instruments SN54LVTH574W Datasheet HTML 4Page - Texas Instruments SN54LVTH574W Datasheet HTML 5Page - Texas Instruments SN54LVTH574W Datasheet HTML 6Page - Texas Instruments SN54LVTH574W Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54LVTH574, SN74LVTH574
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS688D – MAY 1997 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTH574
SN74LVTH574
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.7 V to 3.6 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
V
VOH
VCC =3V
IOH = –24 mA
2
V
VCC = 3 V
IOH = –32 mA
2
VCC =2 7V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC =3V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
µA
II
Data inputs
VCC =3 6V
VI = VCC
1
1
µA
Data inputs
VCC = 3.6 V
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC =3V
VI = 0.8 V
75
75
II(hold)
Data inputs
VCC = 3 V
VI = 2 V
–75
–75
µA
()
VCC = 3.6 V‡,
VI = 0 to 3.6 V
±500
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
–5
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
VCC = 3.6 V,
Outputs high
0.19
0.19
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
∆ICC§
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
3
3
pF
Co
VO = 3 V or 0
7
7
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com