Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVTH574W Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54LVTH574W
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH574W Datasheet(HTML) 2 Page - Texas Instruments

  SN54LVTH574W Datasheet HTML 1Page - Texas Instruments SN54LVTH574W Datasheet HTML 2Page - Texas Instruments SN54LVTH574W Datasheet HTML 3Page - Texas Instruments SN54LVTH574W Datasheet HTML 4Page - Texas Instruments SN54LVTH574W Datasheet HTML 5Page - Texas Instruments SN54LVTH574W Datasheet HTML 6Page - Texas Instruments SN54LVTH574W Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN54LVTH574, SN74LVTH574
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS688D – MAY 1997 – REVISED APRIL 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
The SN54LVTH574 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LVTH574 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLK
D
Q
L
↑
H
H
L
↑
LL
L
H or L
X
Q0
H
X
X
Z
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
OE
1D
2
1D
3
2D
4
3D
5
4D
6
5D
11
CLK
1Q
19
2Q
18
3Q
17
4Q
16
5Q
15
6Q
14
7Q
13
8Q
12
7
6D
8
7D
9
8D
EN
1
C1
logic diagram (positive logic)
OE
CLK
1D
1Q
To Seven Other Channels
C1
1
11
2
19
1D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com