Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55116 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55116 Datasheet(HTML) 1 Page - Texas Instruments

  SN55116 Datasheet HTML 1Page - Texas Instruments SN55116 Datasheet HTML 2Page - Texas Instruments SN55116 Datasheet HTML 3Page - Texas Instruments SN55116 Datasheet HTML 4Page - Texas Instruments SN55116 Datasheet HTML 5Page - Texas Instruments SN55116 Datasheet HTML 6Page - Texas Instruments SN55116 Datasheet HTML 7Page - Texas Instruments SN55116 Datasheet HTML 8Page - Texas Instruments SN55116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D – MAY 1976 – REVISED MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features common to all types
D Single 5-V Supply
D 3-State Driver Output Circuitry
D TTL-Compatible Driver Inputs
D TTL-Compatible Receiver Output
D Differential Line Operation
D Receiver Output Strobe (SN55116,
SN75116, SN75117) or Enable (SN75118,
SN75119)
D Designed for Party-Line (Data-Bus)
Applications
additional features of the SN55116/SN75116
D Choice of Ceramic or Plastic Packages
D Independent Driver and Receiver
D Choice of Open-Collector or Totem-Pole
Outputs on Both Driver and Receiver
D Dual Data Inputs on Driver
D Optional Line-Termination Resistor in
Receiver
D ±15-V Receiver Common-Mode Capability
D Receiver Frequency-Response Control
additional features of the SN75117
D Driver Output Internally Connected to
Receiver Input
The SN75118 is an SN75116 With 3-State Receiver Output Circuitry
The SN75119 is an SN75117 With 3-State Receiver Output Circuitry
description
These integrated circuits are designed for use in interfacing between TTL-type digital systems and differential
data-transmission lines. They are especially useful for party-line (data-bus) applications. Each of these circuit
types combine in one package a 3-state differential line driver and a differential-input line receiver, both of which
operate from a single 5-V power supply. The driver inputs and the receiver outputs are TTL compatible. The
driver employed is similar to the SN55113 and SN75113 3-state line drivers, and the receiver is similar to the
SN55115 and SN75115 line receivers.
The SN55116, SN75116, and SN75118 offer all the features of the SN55113 and SN75113 drivers and the
SN55115 and SN75115 receivers combined. The driver performs the dual input AND and NAND functions when
enabled or presents a high impedance to the load when in the disabled state. The driver output stages are similar
to TTL totem-pole outputs, but have the current-sinking portion separated from the current-sourcing portion and
both are brought out to adjacent package terminals. This feature allows the user the option of using the driver
in the open-collector output configuration, or, by connecting the adjacent source and sink terminals together,
of using the driver in the normal totem-pole output configuration.
The receiver portion of the SN55116, SN75116, and SN75118 features a differential-input circuit having a
common-mode voltage range of
±15 V. An internal 130-Ω equivalent resistor also is provided, which optionally
can be used to terminate the transmission line. A frequency-response control terminal allows the user to reduce
the speed of the receiver or to improve differential noise immunity. The receivers of the SN55116 and SN75116
have an output strobe and a split totem-pole output. The receiver of the SN75118 has an output-enable for the
3-state split totem-pole output. The receiver section of either circuit is independent of the driver section except
for the VCC and ground terminals.
The SN75117 and SN75119 provide the basic driver and receiver functions of the SN55116, SN75116, and
SN75118, but use a package that is only half as large. The SN75117 and SN75119 are intended primarily for
party-line or bus-organized systems because the driver outputs are internally connected to the receiver inputs.
The driver has a single data input and a single enable input. The SN75117 receiver has an output strobe, while
the SN75119 receiver has a 3-state output enable. However, these devices do not provide output connection
options, line-termination resistors, or receiver frequency-response controls.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI-SN55116 Datasheet
484Kb / 12P
Differential line transceivers
SN55116 TI1-SN55116 Datasheet
311Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116 Datasheet
1Mb / 29P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI2-SN55116 Datasheet
816Kb / 16P
DIFFERENTIAL LINE TRANSCEIVERS
NOVEMBER 2005
SN55116FK TI-SN55116FK Datasheet
484Kb / 12P
Differential line transceivers
More results

Similar Description - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
Differential line transceivers
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
DIFFERENTIAL LINE TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com