Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55121 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55121
Description  DUAL LINE DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55121 Datasheet(HTML) 1 Page - Texas Instruments

  SN55121 Datasheet HTML 1Page - Texas Instruments SN55121 Datasheet HTML 2Page - Texas Instruments SN55121 Datasheet HTML 3Page - Texas Instruments SN55121 Datasheet HTML 4Page - Texas Instruments SN55121 Datasheet HTML 5Page - Texas Instruments SN55121 Datasheet HTML 6Page - Texas Instruments SN55121 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN55121, SN75121
DUAL LINE DRIVERS
SLLS074C – SEPTEMBER 1973 – REVISED MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Designed for Digital Data Transmission
Over 50-
Ω to 500-Ω Coaxial Cable, Strip
Line, or Twisted Pair
D High Speed
tpd = 20 ns Maximum at CL = 15 pF
D TTL Compatible With Single 5-V Supply
D 2.4-V Output at IOH = –75 mA
D Uncommitted Emitter-Follower Output
Structure for Party-Line Operation
D Short-Circuit Protection
D AND-OR Logic Configuration
D Designed for Use With Triple Line
Receivers SN55122, SN75122
D Designed to Be Interchangeable With
Signetics N8T13
description
The SN55121 and SN75121 dual line drivers are
designed for digital data transmission over lines
having impedances from 50 to 500
Ω. They are
also compatible with standard TTL logic and
supply-voltage levels.
The low-impedance emitter-follower outputs of
the SN55121 and SN75121 can drive terminated
lines such as coaxial cable or twisted pair. Having
the outputs uncommitted allows wired-OR logic to
be performed in party-line applications. Output
short-circuit protection is provided by an internal
clamping network that turns on when the output
voltage drops below approximately 1.5 V. All of the
inputs are in conventional TTL configuration and
the gating can be used during power-up and
power-down sequences to ensure that no noise is
introduced to the line.
The SN55121 is characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The SN75121 is characterized for
operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2E
2D
NC
2C
2B
1C
1D
NC
1E
1F
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
1C
1D
1E
1F
1Y
GND
VCC
2F
2E
2D
2C
2B
2A
2Y
THE SN75121 IS NOT
RECOMMENDED FOR NEW DESIGNS
SN55121 ...J PACKAGE
SN75121 ...D OR N PACKAGE
(TOP VIEW)
SN55121 . . . FK PACKAGE
(TOP VIEW)


Similar Part No. - SN55121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55121 TI1-SN55121 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55121 TI2-SN55121 Datasheet
557Kb / 16P
DUAL LINE DRIVERS
REVISED MAY 1998
SN55121J TI1-SN55121J Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
More results

Similar Description - SN55121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
Dual Line Drivers
logo
Texas Instruments
SN55109A TI-SN55109A Datasheet
172Kb / 11P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
DUAL DIFFERENTIAL LINE DRIVERS
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com