Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SD103C
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SD103C Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SD103C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SD103C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
0
10
20
1
tp
Typical non repetitive forward surge
current versus pulse width
Rectangular pulse
I F
40
30
50
A
SD103
Typical variation of reverse current
at various temperatures
0
-1
10
1
VR
30
50V
A
I R
2
10
10
10
3
SD103
Typical variation of fwd. current
vs.fwd.voltage for primary conduction
through the Schottky barrier
-2
10
0
-1
10
1
VF
0.5
1V
mA
I F
2
10
10
10
3
SD103
0
00.5
1
2
1.5V
1
VF
Typical high current forward
conduction curve
tp=300 s, duty cycle=2%
I F
4
3
5
A
SD103
-3
10
10-2
-1
10
10
2
10
3
10 ms
10
20
40
Tamb=125 C
o
o
100 C
75 C
o
o
50 C
o
25 C
Blocking voltage deration
versus temperature at various
average forward currents
SD103
0
100
200 C
Tamb
VR
Typical capacitance
versus reverse voltage
pF
Ctot
100
40
0
10
20
30
50
V
o
100 mA
200 mA
I F=400 mA
10
0
20
50V
40
30
VR
7
5
4
3
2
10
2
3
5
4
7
1
SD103
SD103A...SD103C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com