Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SD103C
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SD103C Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SD103C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SD103C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SD103A...SD103C
SILICON SCHOTTKY BARRIER DIODES
for general purpose applications
The SD103A, B, C is a metal on silicon Schottky barrier
device which is protected by a PN junction guard ring.
The low forward voltage drop and fast switching make
it ideal for protection of MOS devices, steering, biasing
and coupling diodes for fast switching and low logic
level applications. Other uses are for click suppression,
efficient full wave bridges in telephone subsets, and as
blocking diodes in rechargeable low voltage battery
system.
This diode is also available in MiniMELF case with type
designation LL103A, B, C.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
SD103A
SD103B
SD103C
VRRM
40
30
20
V
Power Dissipation
Ptot
400
1)
mW
Single Cycle Surge 60 Hz Sine Wave
IFSM
15
A
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
1) Valid provided the leads direct at the case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 20 mA
at IF = 200 mA
VF
VF
-
-
0.37
0.6
V
V
Reverse Leakage Current
at VR = 30 V
at VR = 20 V
at VR = 10 V
SD103A
SD103B
SD103C
IR
-
5
µA
Junction Capacitance
at VR = 0 V, f = 1 MHz
Ctot
50
-
pF
Reverse Recovery Time
at IF = IR = 5 mA to 200 mA , recover to 0.1 IR
trr
10
-
ns
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
SD101A SEMTECH_ELEC-SD101A Datasheet
123Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL103A SEMTECH_ELEC-LL103A Datasheet
203Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
Silicon Medium Barrier Schottky Diodes
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com