Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3V3BSA Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 3V3BSA
Description  SILICON PLANAR ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

3V3BSA Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  3V3BSA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
5V6BS
5.29
5.88
5V6BSA
5.29
5.52
5V6BSB
5.46
5.7
5V6BSC
5.64
5.88
5
40
5
5
2.5
6V2BS
5.81
6.4
6V2BSA
5.81
6.06
6V2BSB
5.99
6.24
6V2BSC
6.16
6.4
5
30
5
5
3
6V8BS
6.32
6.97
6V8BSA
6.32
6.59
6V8BSB
6.52
6.79
6V8BSC
6.70
6.97
5
25
5
2
3.5
7V5BS
6.88
7.64
7V5BSA
6.88
7.19
7V5BSB
7.11
7.41
7V5BSC
7.33
7.64
5
25
5
0.5
4
8V2BS
7.56
8.41
8V2BSA
7.56
7.9
8V2BSB
7.82
8.15
8V2BSC
8.07
8.41
5
20
5
0.5
5
9V1BS
8.33
9.29
9V1BSA
8.33
8.7
9V1BSB
8.61
8.99
9V1BSC
8.89
9.29
5
20
5
0.5
6
10BS
9.19
10.3
10BSA
9.19
9.59
10BSB
9.48
9.9
10BSC
9.82
10.3
5
20
5
0.2
7
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com