Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3V3BSA Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # 3V3BSA
Description  SILICON PLANAR ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

3V3BSA Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  3V3BSA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 3V3BSA Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
11BS
10.18
11.26
11BSA
10.18
10.63
11BSB
10.5
10.95
11BSC
10.82
11.26
5
20
5
0.2
8
12BS
11.13
12.3
12BSA
11.13
11.63
12BSB
11.5
11.92
12BSC
11.8
12.3
5
25
5
0.2
9
13BS
12.18
13.62
13BSA
12.18
12.71
13BSB
12.59
13.16
13BSC
13.03
13.62
5
25
5
0.2
10
15BS
13.48
15.02
15BSA
13.48
14.09
15BSB
13.95
14.56
15BSC
14.42
15.02
5
25
5
0.2
11
16BS
14.87
16.5
16BSA
14.87
15.5
16BSB
15.33
15.96
16BSC
15.79
16.5
5
25
5
0.2
12
18BS
16.34
18.3
18BSA
16.34
17.06
18BSB
16.9
17.67
18BSC
17.51
18.3
5
30
5
0.2
13
20BS
18.14
20.45
20BSA
18.14
18.96
20BSB
18.8
19.68
20BSC
19.52
20.45
5
30
5
0.2
15
22BS
20.23
22.61
22BSA
20.23
21.08
22BSB
20.76
21.65
22BSC
21.22
22.09
22BSD
21.68
22.61
5
30
5
0.2
17
24BS
22.26
24.81
24BSA
22.26
23.12
24BSB
22.75
23.73
24BSC
23.29
24.27
24BSD
23.81
24.81
5
35
5
0.2
19
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com