Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMC5259 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ZMC5259
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMC5259 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ZMC5259 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMC5259 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMC5259 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 22/01/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZMC52 Series
Zener Voltage Range
1)
Maximum Zener Impedance
1)
Reverse Leakage Current
Temp.
Coefficient of
Zener
Voltage
Vznom
3)
lZT
rZJT
rZJK
at
IZK
IR
2)
at
VR
TKVZ
Type
V
mA
Ω
Ω
mA
μA
V
%/K
ZMC 5276
150
0.85
<1500
--
--
<0.1
113
<+0.110
ZMC 5277
160
0.80
<1700
--
--
<0.1
120
<+0.115
ZMC 5278
170
0.74
<1900
--
--
<0.1
127
<+0.115
ZMC 5279
180
0.68
<2200
--
--
<0.1
135
<+0.120
ZMC 5280
190
0.66
<2400
--
--
<0.1
142
<+0.120
ZMC 5281
200
0.65
<2500
--
--
<0.1
150
<+0.120
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an
RMS value equal to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK .Zener Impedance
is measured at two points to insure a sharp knee on the breakdown curve and to
eliminate unstable
units.
2)
Measured under thermal equilibrium and DC test conditions.
3)
Tested with pulses tp = 20 ms.
max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com