Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMC5259 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ZMC5259
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMC5259 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ZMC5259 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMC5259 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMC5259 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 22/01/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZMC52 Series
SILICON PLANAR ZENER DIODES
Standard Zener voltage tolerance is
±20%. Add suffix “A” for ±10%
Tolerance and suffix “B” for
±5% tolerance, Other tolerance, non
standard and higher Zener voltages are upon request.
Features
•
Fits onto SOD 323 / SOT 23 footprints
•
Micro Melf package
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Zener Current see Table “Characteristics”
Power Dissipation at Tamb = 75
OC
Ptot
500
1)
mW
Junction Temperature
Tj
200
OC
Storage Temperature Range
TS
-65 to +200
OC
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
RthA
-
-
0.3
(1)
K/W
Forward Voltage
at IF = 200mA
VF
-
-
1.1
V
LS-31


Similar Part No. - ZMC5259

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMC5.1 DIOTEC-ZMC5.1 Datasheet
50Kb / 2P
Surface mount Zener Diodes
ZMC5.1 DIOTEC-ZMC5.1 Datasheet
93Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMC5.1 DIOTEC-ZMC5.1 Datasheet
91Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMC5.1 DIOTEC-ZMC5.1 Datasheet
91Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMC5.1UDZB SEMTECH_ELEC-ZMC5.1UDZB Datasheet
416Kb / 2P
Silicon Epitaxial Planar Zener Diodes
18/07/2009
More results

Similar Description - ZMC5259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com