Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7S Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MD7S
Description  MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MD7S Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MD7S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MD7S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 23/02/2005
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MD1S THRU MD7S
Reverse Voltage, V
10
0
0.1
1
10
200
100
Typical Junction Capacitance
Per Leg
30
20
Tj=25 C
f=1MHz
Vaig=50mVp-p
Typical Forward Voltage
Characteristics per element
Derating curve for output rectified current
Glass epoxy P.C.B.
Resistive or inductive load
0.6
0.2
0
0
0.4
0.8
80
Aluminum substrate
Ambient Temperature ( C)
40
120
160
0.01
0.2
0.1
1.0
10
Forward Voltage, V
1.0
0.6
Pulse width=300 s
1% duty cycle
1.4
Tj=150 C
Tj=25 C
10
Max Non-repetitive Peak
Forward Surge Current per leg
Number Of Cycles
f=50Hz
10
1
0
20
1 cycle
35
30
f=60Hz
Percent of Rated Peak Reverse Voltage, %
80
0.1
100
0.01
1.0
40
0
Tj=25 C
TA=40 C
JEDEC method
single half sine-wave
100
10
Typical Reverse Leakage
Characteristics per leg
Tj=125 C
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com