Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7S Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MD7S
Description  MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MD7S Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MD7S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MD7S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/02/2005
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MD1S THRU MD7S
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
Reverse Voltage – 50 to 1000 Volts
Forward Current – 0.5 Ampere
Features
• Surge overload rating: 30 amperes peak
• Ideal for printed circuit board
• Low leakage
• Reliable low cost construction utilizing molded
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Mechanical Data
• Case: MD-S, molded plastic.
• Terminals: Leads solderable per MIL-STD-202, method 208.
• Mounting position: Any.
• Weight: 0.008 ounce, 0.22 grams.
Absolute Maximum Ratings and Characteristics
Ratings at 25
0C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols MD1S MD2S MD3S MD4S MD5S MD6S MD7S Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
See Fig .1
On glass epoxy P.C.B(Note 2)
On aluminum substrate(Note 3)
I(AV)
0.5
0.8
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Maximum forward voltage at 0.4A DC
VF
1.0
V
Maximum reverse current
@TA = 25
OC
at rated DC blocking voltage
@TA = 125
OC
IR
5.0
500
µA
Typical junction capacitance (Note 1)
CJ
13
pF
Typical thermal resistance (Note 3)
RθJA
70
OC/W
Typical thermal resistance (Note 2)
RθJL
20
OC/W
Operating and storage temperature range
TJ ,TS
-55 to+150
OC
Notes: (1) Measured at 1 MHZ and applied Vr = 4volts.
(2) On glass epoxy P.C.B. mounted on 0.05 x 0.05” (1.3 x 1.3 mm) pads.
(3) On aluminum substrate P.C.B. with an area of 0.8 x 0.8” (20 x 20mm) mounted on 0.05 x 0.05” (1.3 x 1.3mm) solder pad.
+
-
~ (1):-
(4):
+
(3):
~
(2):
~
~


Similar Part No. - MD7S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD7S RECTRON-MD7S Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
logo
DAESAN ELECTRONIC CORP.
MD7S DAESAN-MD7S Datasheet
296Kb / 2P
CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
UNIOHM CORPORATION
MD7S UNIOHM-MD7S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD7S SECOS-MD7S Datasheet
144Kb / 2P
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MD7S WILLAS-MD7S Datasheet
567Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - MD7S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com