Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC0100G2 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 24PC0100G2
Description  Unamplified, uncompensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0100G2 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  24PC0100G2 Datasheet HTML 1Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 2Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 3Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24PC Series (mbar)
Unamplified, uncompensated pressure sensors
2/4
June 2005 / 602
www.sensortechnics.com
[ V
½ full scale –
{
Vfull scale - Voffset
(full scale pressure)
x (½ full scale pressure) + Voffset
}] : 2 (V
full scale) x 100 %
where: V = measured value for each device
COMMON PERFORMANCE CHARACTERISTICS
V
s = 10.0 ± 0.01 V, tamb = 25°C (unless otherwise noted)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
0
3
-0
3
+
V
m
)
C
°
0
5
-
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
t
e
s
f
f
O0
.
2
±
n
a
p
S0
0
0
2
-
C
°
/
m
p
p
e
c
n
a
d
e
p
m
i
e
g
d
i
r
b
n
o
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
0
0
2
2
+
)
L
S
B
,
1
P
>
2
P
(
y
t
i
r
a
e
n
i
L
3
5
2
.
0
±0
.
1
±
n
a
p
s
%
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
il
i
b
a
t
a
e
p
e
R
5
5
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
0
.
40
.
50
.
6
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
40
.
50
.
6
e
m
i
t
e
s
n
o
p
s
e
R
6
0
.
1s
m
PRESSURE SENSOR CHARACTERISTICS
V
s = 10.0 ± 0.01 V, tamb = 25°C (unless otherwise noted)
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
n
a
p
s
e
l
a
c
s
-
l
l
u
F
2
.
p
y
t
y
t
i
v
i
t
i
s
n
e
S
.
n
i
M.
p
y
T.
x
a
M
A
x
x
0
5
0
0
C
P
4
2r
a
b
m
0
5
-
0V
m
1
2V
m
3
3V
m
4
4r
a
b
m
/
V
µ
0
6
6
A
x
x
0
0
1
0
C
P
4
2r
a
b
m
0
0
1
-
0V
m
4
4V
m
6
6V
m
8
8r
a
b
m
/
V
µ
0
6
6
A
x
x
0
5
2
0
C
P
4
2r
a
b
m
0
5
2
-
0V
m
1
6V
m
3
8V
m
5
0
1r
a
b
m
/
V
µ
3
3
3
A
x
x
0
K
1
0
C
P
4
2r
a
b
1
-
0V
m
9
5
1V
m
8
1
2V
m
6
7
2r
a
b
m
/
V
µ
0
2
2
A
x
x
0
K
2
0
C
P
4
2r
a
b
2
-
0V
m
2
3
2V
m
0
2
3V
m
0
1
4r
a
b
m
/
V
µ
0
6
1
A
x
x
0
K
5
0
C
P
4
2r
a
b
5
-
0V
m
3
1
1V
m
3
6
1V
m
5
1
2r
a
b
m
/
V
µ
6
.
2
3
A
x
x
0
K
0
1
C
P
4
2r
a
b
0
1
-
0V
m
4
8V
m
3
2
1V
m
3
6
1r
a
b
m
/
V
µ
3
.
2
1
A
x
x
0
K
6
1
C
P
4
2r
a
b
6
1
-
0V
m
4
3
1V
m
7
9
1V
m
0
6
2r
a
b
m
/
V
µ
3
.
2
1
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output characteristics.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
Linearity (BSL), the deviation of measured output at constant temperature (25°C) from "Best Straight Line" determined by three
points, offset pressure, full-scale pressure and half full-scale pressure.
Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25°C reading.
Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions
remaining constant. Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is
approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant).
Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure.
Long term stability of offset and span over a period over one year.
The sensors might be used on both ports, for media compatible with the components, specified under "Service" (page 1).
Other sealing materials are available on request. Minimum order quantities might be required.
Other pressure port styles, like barbed ones, luers, modular, M5, needle style or flow through connection, are
available on request. For these specials see the data sheet "24/26PC specials". Minimum order quantities might be required, call
Sensortechnics for assistance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com