Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC0100G2 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 24PC0100G2
Description  Unamplified, uncompensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0100G2 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  24PC0100G2 Datasheet HTML 1Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 2Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 3Page - Sensortechnics GmbH 24PC0100G2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
24PC Series (mbar)
Unamplified, uncompensated pressure sensors
3/4
June 2005 / 602
www.sensortechnics.com
OUTLINE DRAWINGS10
24PCxxxxG6A (single inline pinning, 1 x 4), gage pressure devices
mass: 2 g
dimensions in mm
24PCxxxxG2A (dual inline pinning, 2 x 2), gage pressure devices
mass: 2 g
dimensions in mm
12,7
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
PIN 2
PIN 3
PIN 4
4 x 1,02
4 x 0,5
5,1
4 x 0,41
8,4
12,7
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
P2
4 3 2 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com