Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC2000D2 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 24PC2000D2
Description  Unamplified, uncompensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC2000D2 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  24PC2000D2 Datasheet HTML 1Page - Sensortechnics GmbH 24PC2000D2 Datasheet HTML 2Page - Sensortechnics GmbH 24PC2000D2 Datasheet HTML 3Page - Sensortechnics GmbH 24PC2000D2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
24PC Series (psi)
Unamplified, uncompensated pressure sensors
1/4
February 2005 / 603
www.sensortechnics.com
FEATURES
· 0...0.5 to 0...250 psi gage or differential
· High impedance bridge
· Miniature package
· Different pinning configurations
· Usable for wet/wet applications8
SPECIFICATIONS
Maximum ratings
Supply voltage
Temperature limits
Storage
Operating
Lead temperature (10 sec. soldering)
Humidity limits
Vibration (0 to 2000 Hz)
(qualification tested)
Mechanical shock (qualification tested)
Proof pressure1
all 0.5, 1 and 5 psi devices
all 15 psi devices
all 30 psi devices
all 100 psi devices
all 250 psi devices
12 V
-55 to +100°C
-40 to +85°C
300°C
0...100 %RH
20 g sine
150 g
20 psi
45 psi
60 psi
200 psi
500 psi
ELECTRICAL CONNECTION
SERVICE
All media compatible with
port 1:
- polyetherimide
- silver-filled silicone
- silicon nitride
port 29:
- polyetherimide
- fluor-silicone
- silicon
Scale:
1 cm
1 inch
Output
+
2
3
Vs
-
1
4


Similar Part No. - 24PC2000D2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
24PC HONEYWELL-24PC Datasheet
3Mb / 73P
Commercial Switches and Sensors
logo
Sensortechnics GmbH
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
Pressure sensors with special fittings and sealings
24PC0035D2BN SENSORTECHNICS-24PC0035D2BN Datasheet
159Kb / 12P
Pressure sensors with special fittings and sealings
24PC0035D2BS SENSORTECHNICS-24PC0035D2BS Datasheet
159Kb / 12P
Pressure sensors with special fittings and sealings
24PC0035D2CE SENSORTECHNICS-24PC0035D2CE Datasheet
159Kb / 12P
Pressure sensors with special fittings and sealings
More results

Similar Description - 24PC2000D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
100kPa Uncompensated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
Pressure Sensors Gage and Differential/Unamplified
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com