Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS16
Description  SILICON EPITAXIAL PLANAR SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS16 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS16 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS16 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/10/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS16
SILICON EPITAXIAL PLANAR SWITCHING DIODE
Features
• Small package
• Low forward voltage
• Fast reverse recovery time
• Small total capacitance
Applications
• Ultra high speed switching application
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Continuous Forward Current
IF
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
t = 1 µs
t = 1 ms
t = 1 s
IFSM
4
1
0.5
A
Power Dissipation
Ptot
250
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Ts
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
-
-
-
-
715
855
1
1.25
mV
mV
V
V
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
IR
IR
IR
-
-
-
30
1
30
50
nA
µA
µA
µA
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
75
-
V
Diode Capacitance
at f = 1 MHz
Cd
-
2
pF
Reverse Recovery Time
at IF = IR = 10 mA, RL = 50 Ω
trr
-
4
ns
1
3
2
Marking Code: 5D
SOT-23 Plastic Package


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com