Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC182 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BC182
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC182 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BC182 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC182 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 27/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC182…BC184
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCE(sat)
-
-
0.25
0.6
V
Base Emitter Saturation Voltage
at IC = 100 mA, IB = 5 mA
VBE(sat)
-
1.2
V
Base Emitter On Voltage
at VCE = 5 V, IC = 2 mA
VBE(on)
0.55
0.7
V
Current Gain Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
150
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
5
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com