Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC182 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC182
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC182 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC182 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC182 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC182…BC184
NPN Silicon Epitaxial Planar Transistor
for general purpose amplifier applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BC182
BC183, BC184
VCBO
60
45
V
Collector Emitter Voltage
BC182
BC183, BC184
VCEO
50
30
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
350
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 10 µA
at VCE = 5 V, IC = 2 mA
at VCE = 5 V, IC = 100 mA
BC182, BC183
BC184
BC182
BC183
BC184
BC182, BC183
BC184
hFE
hFE
hFE
hFE
hFE
hFE
hFE
40
100
120
120
250
80
130
-
-
500
800
800
-
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
at VCB = 30 V
BC182
BC183, BC184
ICBO
-
-
15
15
nA
Emitter Base Cutoff Current
at VEB = 4 V
IEBO
-
15
nA
Collector Base Breakdown Voltage
at IC = 10 µA
BC182
BC183, BC184
V(BR)CBO
60
45
-
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
BC182
BC183, BC184
V(BR)CEO
50
30
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
6
-
V
1. Collector 2. Base 3. Emitter
TO-92 Plastic Package


Similar Part No. - BC182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC182 MOTOROLA-BC182 Datasheet
111Kb / 4P
Amplifier Transistors(NPN)
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
51Kb / 4P
NPN General Purpose Amplifier
logo
Continental Device Indi...
BC182 CDIL-BC182 Datasheet
118Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC182

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com