Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP201 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP201
Description  17.5 - 21.0 GHz Power Ammplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP201 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP201 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP201 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP201 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMP201
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
-25
-20
-15
-10
-5
0
5
10
15
20
-30
25
freq, GHz
17.5 – 21.0 GHz Power Ammplifier MMIC
Issued Date: 12-18-03
Typical Performance:
1. P-1 and G-1
P201 P-1 & G-1
at 8V, 160mA
17
19
21
23
25
27
17
18
19
20
21
22
Frequency (GHz)
P-1 (dBm)
G-1 (dB)
2. Linear Gain and Return Loss Versus Frequency
S21
S22
S11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com