Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP201 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP201 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP201
Download  EMP201 Download
File Size   141.59 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.5 - 21.0 GHz Power Ammplifier MMIC

EMP201 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP201 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP201
Download  EMP201 Click to download

File Size   141.59 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 17.5 - 21.0 GHz Power Ammplifier MMIC

EMP201 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMP201 Product details

FEATURES
• 17.5 – 21.0 GHz Bandwidth
• 24.5dBm Output Power at 1dB Compression
• 18.0 dB Typical Power Gain

APPLICATIONS
• Point-to-point and point-to-multipoint radio
• Military Radar Systems




Similar Part No. - EMP201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
17.0 - 20.0 GHz Surface-Mounted PA
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Similar Description - EMP201

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP310 EXCELICS-EMP310 Datasheet
140Kb / 3P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP310-P1 EXCELICS-EMP310-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311 EXCELICS-EMP311 Datasheet
148Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311-P1 EXCELICS-EMP311-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312 EXCELICS-EMP312 Datasheet
188Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312-P1 EXCELICS-EMP312-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XB1008-QT MIMIX-XB1008-QT_10 Datasheet
697Kb / 6P
10.0-21.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com