Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP202 Datasheet (PDF) - List of Unclassifed Manufacturers

EMP202 Datasheet PDF - List of Unclassifed Manufacturers
Part # EMP202
Download  EMP202 Download
File Size   236.91 Kbytes
Page   28 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems

EMP202 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP202 Datasheet PDF - List of Unclassifed Manufacturers

Part # EMP202
Download  EMP202 Click to download

File Size   236.91 Kbytes
Page   28 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems

EMP202 Datasheet (HTML) - List of Unclassifed Manufacturers


EMP202 Product details

[EMPIA Technology]

General Description
The EMP202 is a 2 channel, 20-bit DAC and 20-bit ADC, full duplex AC97 2.2 compatible stereo audio CODEC designed for PC multimedia systems, including soft/host audio and riser card based designs. The EMP202 incorporates proprietary converter technology. The EMP202 AC97 CODEC supports with independent variable hardware sampling rates. The EMP202 CODEC provides two pairs of stereo outputs with independent volume controls, a mono output, a headphone output, and multiple stereo and mono inputs, along with flexible mixing, gain and mute functions to provide a complete integrated audio solution for PCs. The EMP202 CODEC operates from a 3.3V power supply with EAPD (External Amplifier Power Down) control for use in notebook and PC applications.

Features
◾ High performance CODEC with high S/N ratio (>90 dB).
◾ Compliant with AC’97 2.2 specifications
◾ 20-bit stereo Digital-to-Analog Converter with variable sampling rate.
◾ 20-bit stereo Analog-to-Digital Converter with variable sampling rate.
◾ 4 analog line-level stereo inputs with 5-bit volume control: LINE_IN, CD, VIDEO, AUX.
◾ 2 analog line-level mono inputs: PC_BEEP, PHONE_IN.
◾ Mono output with 5-bit volume control.
◾ Stereo output with 5-bit volume control.
◾ 2 MIC inputs are software selectable.
◾ Power management capabilities.
◾ 3D Stereo Enhancement
◾ Embedded 50mW/20 Ω OP at LINE output.
◾ External amplifier power down capability.
◾ Digital S/PDIF output.
◾ Built in 14.318M 24.576MHz PLL to save external 24.576MHz crystal
◾ Supports 2 general-purpose I/O pins.
◾ Power supply: Digital: 3.3V; Analog: 5V/3.3V
◾ Standard 48-Pin LQFP Package




Similar Part No. - EMP202

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
17.5 - 21.0 GHz Power Ammplifier MMIC
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
17.0 - 20.0 GHz Surface-Mounted PA
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Similar Description - EMP202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com