Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP310 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMP310
Description  21.0 - 24.0 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP310 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMP310 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP310 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP310 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMP310
UPDATED 05/08/2008
21.0 – 24.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
Dimension: 2250um X 1000um
Thickness: 75um ± 13um
FEATURES
•
21.0 – 24.0 GHz Operating Frequency Range
•
24.0dBm Output Power at 1dB Compression
•
14.0 dB Typical Small Signal Gain
•
-40dBc OIMD3 @Each Tone Pout 14dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, VDD=7V, IDQ=170mA)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
21.0
24.0
GHz
P1dB
Output Power at 1dB Gain Compression
23.0
24.0
dBm
Gss
Small Signal Gain
11.0
14.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 14dBm
-40
-37
dBc
Input RL
Input Return Loss
-10
-8
dB
Output RL
Output Return Loss
-10
-8
dB
Idss
Saturate Drain Current
V
DS =3V, VGS =0V
211
264
317
mA
VDD
Power Supply Voltage
7
8
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
34
oC/W
Tb
Operating Base Plate Temperature
-35
+85
ºC
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
8 V
VGS
Gate to Source Voltage
-4 V
IDD
Drain Current
Idss
IGSF
Forward Gate Current
4mA
PIN
Input Power
@ 3dB compression
TCH
Channel Temperature
150°C
TSTG
Storage Temperature
-65/150°C
PT
Total Power Dissipation
3.4W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation VDS*IDS < (TCH –THS)/RTH; where THS = ambient temperature


Similar Part No. - EMP310

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP310-P1 EXCELICS-EMP310-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
More results

Similar Description - EMP310

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
logo
Excelics Semiconductor,...
EMP310-P1 EXCELICS-EMP310-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311 EXCELICS-EMP311 Datasheet
148Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311-P1 EXCELICS-EMP311-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312 EXCELICS-EMP312 Datasheet
188Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312-P1 EXCELICS-EMP312-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com