Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA030B Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA030B
Description  High Performance Heterojunction Dual-Gate FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA030B Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA030B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA030B Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA030B
PRELIMINARY DATA SHEET
High Performance Heterojunction Dual-Gate FET
••
+18.0dBm TYPICAL OUTPUT POWER
••
19.5dB TYPICAL POWER GAIN AT 12GHz
••
0.3 X 300 MICRON RECESSED “MUSHROOM”
DUAL GATE
••
Si3N4 PASSIVATION
••
ADVANCED EPITAXIAL DOPING
PROFILE PROVIDES EXTRA HIGH PERFORMANCE
AND HIGH RELIABILITY
••
MIXER, SWITCH, AGC AND TEMPERATURE
COMPENSATION APPLICATIONS
••
Idss SORTED IN 5mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
Vds=6V, Ids=50% Idss, Vg2s=0V
f=12GHz
15.0
18.0
dBm
G1dB
Gain at 1dB Compression
Vds=6V, Ids=50% Idss, Vg2s=0V
f=12GHz
17.5
19.5
dB
NF
Noise Figure
Vds=3V, Ids=15mA, Vg2s=0V
f=12GHz
1.2
dB
Ga
Associated Gain
Vds=3V, Ids=15mA, Vg2s=0V
f=12GHz
17.5
dB
Idss
Saturated Drain Current
Vds=3V, Vg1s=Vg2s=0V
30
80
115
mA
Gm
Transconductance
Vds=3V, Vg1s=-0.5V, Vg2s=0V
40
70
mS
Vp1
Pinch-off Voltage
Vds=3V, Ids=1.0mA, Vg2s=0V
-1.5
-3.5
V
Vp2
Pinch-off Voltage
Vds=3V, Ids=1.0mA, Vg1s=0V
-1.5
-3.5
V
BVg2d
Gate 2 to Drain Breakdown Voltage
Ig2d=1.0mA, Gate 1 Open
-10
-14
V
BVg1s
Gate 1 to Source Breakdown Voltage
Ig1s=1.0mA, Gate 2 Open
-6
-12
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
125
oC/W
Excelics Semiconductor, Inc., 310 De Guigne Drive, Sunnyvale, CA 94085
Phone: (408) 737-1711 Fax: (408) 737-1868 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns


Similar Part No. - EPA030B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA030C ETC-EPA030C Datasheet
38Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030CV EXCELICS-EPA030CV Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA030D EXCELICS-EPA030D Datasheet
97Kb / 2P
High Performance Heterojunction Dual-Gate FET
More results

Similar Description - EPA030B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
High Efficiency Heterojunction Power FET
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA120A EXCELICS-EPA120A Datasheet
55Kb / 2P
High Efficiency Heterojunction Power FET
EPA120D EXCELICS-EPA120D Datasheet
50Kb / 2P
High Efficiency Heterojunction Power FET
EPA160A EXCELICS-EPA160A Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA240D-100P EXCELICS-EPA240D-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA960CR-CP083 EXCELICS-EPA960CR-CP083 Datasheet
87Kb / 2P
High Efficiency Heterojunction Power FET
EPA030D EXCELICS-EPA030D Datasheet
97Kb / 2P
High Performance Heterojunction Dual-Gate FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com