Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA030B Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA030B
Description  High Performance Heterojunction Dual-Gate FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA030B Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA030B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA030B Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA030B
PRELIMINARY DATA SHEET
High Performance Heterojunction Dual-Gate FET
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
10V
7V
Vgs
Gate-Source Voltage
-6V
-3.5V
Ids
Drain Current
Idss
Idss
Igsf
Forward Gate Current
15mA
2.5mA
Pin
Input Power
15dBm
@3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
1.1W
900mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
S-PARAMETERS
6V, 1/2 Idss, Vg2s=0V
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.987
-15.5
9.119 165.4 0.006 84.4 0.941
-6.4
21.0
0.869 142.8 4.727
-49.2
0.018
55.4
1.148 -122.2
2.0
0.972
-30.0
8.833 152.3 0.011 67.5 0.930
-12.8
22.0
0.895 135.8 4.661
-61.4
0.023
62.6
1.215 -130.0
3.0
0.943
-43.4
8.447 140.3 0.015 63.7 0.915
-18.5
23.0
0.919 129.8 4.615
-74.5
0.030
64.6
1.285 -140.4
4.0
0.917
-56.0
8.042 128.6 0.019 55.8 0.901
-23.4
24.0
0.944 125.5 4.605
-89.6
0.039
62.3
1.361 -155.4
5.0
0.871
-70.3
7.817 116.2 0.021 47.0 0.878
-28.6
25.0
0.978 122.1 4.514 -107.3 0.048
54.1
1.434 -174.8
6.0
0.837
-81.6
7.430 106.1 0.023 42.9 0.866
-32.0
26.0
0.994 117.6 4.183 -125.4 0.058
45.7
1.479 167.2
7.0
0.811
-93.0
7.126
96.2
0.024 39.3 0.853
-35.5
27.0
1.005 110.7 3.649 -142.2 0.062
36.6
1.470 153.0
8.0
0.783 -104.6 6.898
86.4
0.025 32.1 0.839
-38.9
28.0
1.014 103.8 3.103 -158.4 0.064
26.7
1.411 141.6
9.0
0.761 -116.8 6.662
76.4
0.024 25.0 0.825
-42.7
29.0
1.023 100.4 2.569 -172.7 0.064
20.3
1.351 130.4
10.0
0.741 -128.5 6.456
66.4
0.023 21.8 0.814
-46.8
30.0
1.016
99.6
2.115 175.2 0.059
16.0
1.281 121.0
11.0
0.739 -140.3 6.281
56.1
0.022 16.8 0.813
-51.9
31.0
1.009
97.6
1.753 164.4 0.055
13.4
1.216 116.1
12.0
0.740 -151.2 6.090
45.8
0.020 11.3 0.812
-57.7
32.0
1.024
96.3
1.492 154.4 0.052
11.3
1.169 112.4
13.0
0.748 -161.4 5.883
35.3
0.019
6.5
0.820
-64.8
33.0
1.038
98.6
1.278 145.0 0.050
8.8
1.106 106.4
14.0
0.763 -170.1 5.692
24.9
0.016
6.1
0.840
-72.3
34.0
1.060 102.3 1.131 136.8 0.050
7.3
1.068 100.4
15.0
0.783 -177.9 5.515
14.0
0.014
9.1
0.875
-81.1
35.0
1.066 103.0 1.009 129.3 0.052
4.4
1.070
98.1
16.0
0.798 175.1 5.279
3.1
0.013 12.5 0.919
-89.6
36.0
1.064
98.7
0.924 121.4 0.051
-4.2
1.061 101.0
17.0
0.812 169.0 5.034
-7.4
0.013 17.8 0.958
-97.7
37.0
1.071
92.6
0.858 112.7 0.052
-17.4
1.034 102.7
18.0
0.825 163.0 4.866
-17.4
0.012 26.4 1.002 -104.2
38.0
1.087
90.5
0.810 103.2 0.048
-31.0
0.998 100.6
19.0
0.835 157.3 4.776
-27.7
0.014 37.8 1.050 -111.0
39.0
1.076
89.4
0.764
93.2
0.050
-45.2
0.990
95.1
20.0
0.851 151.7 4.733
-37.8
0.014 48.1 1.105 -117.5
40.0
1.047
84.1
0.700
81.9
0.044
-59.4
0.978
93.2
Note:
The data included 0.7 mils diameter Au bonding wires:
1 gate wires, 15 mils each; 1 drain wires, 20 mils each; 4 source wires, 7 mils each., 2 gate2 wires(to ground), 7 mils each



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com