Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA480BV Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA480BV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA480BV Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA480BV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA480BV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EPA480B/EPA480BV
UPDATED: 09/27/2007
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
September 2007
•
+35.5dBm TYPICAL OUTPUT POWER
•
7.5dB TYPICAL POWER GAIN FOR EPA480B AND
9.0dB FOR EPA480BV AT 12GHz
•
0.3X 4800 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
•
EPA480BV WITH VIA HOLE SOURCE GROUNDING
•
Idss SORTED IN 120mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
Chip Thickness: 45
± 13 microns
All Dimensions In Microns
No Via Hole For EPA480B
EPA480B
EPA480BV
UNIT
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
34.0
35.5
34.0
35.5
P1dB
Output Power at 1dB Compression f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
35.5
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
6.0
7.5
7.5
9.0
dB
PAE
Gain at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
40
45
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
880
1440
1880
880
1440
1880
mA
Gm
Transconductance
Vds=3V, Vgs=0V
960
1520
960
1520
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=14mA
-1.0
-2.5
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage
Igd=4.8mA
-13
-15
-13
-15
V
BVgs
Source Breakdown Voltage
Igs=4.8mA
-7
-14
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
10
8
oC/W
MAXIMUM RATINGS AT 25
OC
EPA480B
EPA480BV
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
-8V
-3V
Ids
Drain Current
Idss
1.4A
Idss
1.75A
Igsf
Forward Gate Current
240mA
40mA
240mA
40mA
Pin
Input Power
33dBm
@ 3dB Compression
33dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
175
oC
150
oC
stg
Storage Temperature
-65/175
oC
-65/150
oC
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
14W
11W
17W
14W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EPA480BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA480 ETC-EPA480 Datasheet
245Kb / 2P
DC-6GHz High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C-180F EXCELICS-EPA480C-180F Datasheet
30Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C-CP083 EXCELICS-EPA480C-CP083 Datasheet
33Kb / 2P
High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA480C-SOT89 ETC-EPA480C-SOT89 Datasheet
245Kb / 2P
DC-6GHz High Efficiency Heterojunction Power FET
More results

Similar Description - EPA480BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com