Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA480BV Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA480BV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA480BV Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA480BV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA480BV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA480B/EPA480BV
UPDATED: 09/27/2007
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
September 2007
S-PARAMETERS
EPA480B
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.867
-152.8
7.224
106.4
0.014
11.8
0.644
-177.4
2.0
0.921
-168.1
3.791
87.7
0.015
16.8
0.664
-176.3
3.0
0.950
-177.0
2.900
78.1
0.015
26.6
0.680
-175.8
4.0
0.950
179.6
2.175
71.6
0.017
30.4
0.691
-176.0
5.0
0.959
172.9
1.718
65.2
0.015
43.3
0.703
-172.9
6.0
0.959
171.5
1.440
59.7
0.017
49.3
0.709
-174.7
7.0
0.961
170.9
1.235
54.5
0.020
47.9
0.721
-176.5
8.0
0.952
170.5
1.074
49.4
0.023
48.5
0.742
-179.7
9.0
0.948
170.2
0.942
44.3
0.023
48.5
0.760
178.1
10.0
0.952
169.4
0.812
41.8
0.024
57.4
0.769
-178.5
11.0
0.958
169.2
0.743
35.5
0.028
52.8
0.759
175.6
12.0
0.968
168.5
0.667
31.8
0.004
-8.8
0.775
175.6
14.0
0.946
163.9
0.539
24.5
0.029
52.9
0.821
176.2
16.0
0.945
158.4
0.450
15.7
0.031
48.5
0.850
175.8
18.0
0.958
157.6
0.391
9.0
0.030
45.0
0.845
173.5
20.0
0.935
155.7
0.352
1.8
0.040
48.2
0.865
167.2
22.0
1.304
150.7
0.319
-0.2
0.046
49.0
0.677
163.8
24.0
1.265
145.2
0.274
-12.4
0.049
39.8
0.652
163.5
26.0
1.116
142.9
0.238
-20.4
0.053
39.2
0.692
162.8
EPA480BV
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.941
-156.9
8.989
96.7
0.013
18.0
0.666
-174.6
2.0
0.948
-170.0
4.575
84.1
0.014
15.0
0.675
-176.9
3.0
0.952
-176.1
3.030
75.8
0.013
14.9
0.686
-176.2
4.0
0.951
-179.7
2.237
68.8
0.013
18.3
0.699
-175.1
5.0
0.956
176.7
1.718
63.1
0.013
22.1
0.722
-172.7
6.0
0.962
175.6
1.390
57.8
0.012
27.2
0.736
-171.5
7.0
0.965
176.1
1.163
53.3
0.012
31.5
0.755
-171.0
8.0
0.966
177.9
0.992
49.3
0.012
37.6
0.772
-171.9
9.0
0.972
179.6
0.863
45.6
0.012
41.0
0.789
-172.3
10.0
0.967
-179.0
0.760
42.0
0.011
45.2
0.805
-172.8
11.0
0.969
-177.8
0.682
38.8
0.012
47.5
0.816
-173.1
12.0
0.969
-177.3
0.613
35.3
0.012
51.2
0.818
-173.6
14.0
0.965
178.4
0.511
27.6
0.014
52.8
0.827
-172.3
16.0
0.970
169.2
0.438
18.0
0.014
46.9
0.854
-170.5
18.0
0.972
158.8
0.367
7.9
0.013
37.8
0.870
-170.6
20.0
0.979
152.1
0.299
-1.2
0.013
41.1
0.877
-172.8
22.0
0.969
163.2
0.233
-6.9
0.014
32.2
0.922
171.4
24.0
0.978
158.9
0.192
-10.9
0.015
39.3
0.923
175.7
26.0
0.977
158.9
0.169
-11.6
0.018
44.7
0.934
180.0
Note: The data included 0.7 mils diameter Au bonding wires; 4 gate wires, 15 mils each; 4 drain wires, 20 mils each;
10 source wires, 7 mils each; no source wires for EPA480BV.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com