Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB018B5 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPB018B5
Description  Super Low Noise High Gain Heterojunction FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB018B5 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPB018B5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB018B5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPB018B5 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPB018B5/B7/B9-70
ISSUED 11/01/2007
Super Low Noise High Gain Heterojunction FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
FEATURES
•
NON-HERMETIC LOW COST CERAMIC 70 mil
PACKAGE
•
TYPICAL 0.50~0.90dB NOISE FIGURE AND
11.5~13.0dB ASSOCIATED GAIN AT 12GHz
•
0.3 X 180 MICRON RECESSED “ MUSHROOM”
GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES SUPER LOW NOISE, HIGH
GAIN AND HIGH RELIABILITY
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
SYMBOL
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNITS
NF
Noise Figure, f = 12GHz
VDS = 2 V, IDS ≈ 15 mA
EPB018B5-70
EPB018B7-70
EPB018B9-70
0.50
0.65
0.95
0.60
0.80
1.20
dB
Ga
Associated Gain, f = 12GHz
VDS = 2 V, IDS ≈ 15 mA
EPB018B5-70
EPB018B7-70
EPB018B9-70
11.5
11.0
10.5
13.0
12.5
11.5
dB
15.0
P1dB
Output Power at 1dB Compression
f = 12GHz
VDS = 3 V, IDS = 25 mA
f = 18GHz
15.0
dBm
G1dB
Gain at 1dB Compression
f = 12GHz
VDS = 3 V, IDS = 25 mA
f = 18GHz
14.0
11.5
dB
IDSS
Saturated Drain Current
VDS = 2 V, VGS = 0 V
15
45
80
mA
GM
Transconductance
VDS = 2 V, VGS = 0 V
50
90
mS
VP
Pinch-off Voltage
VDS = 2 V, IDS = 1.0 mA
-0.8
-2.5
V
BVGD
Drain Breakdown Voltage
IGD = 10 uA
-3
-6
V
BVGS
Source Breakdown Voltage
IGS = 10 uA
-3
-6
V
RTH
Thermal Resistance
480*
oC/W
Notes: * Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25°C
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
5V
4V
Vgs
Gate-Source Voltage
-3V
-2V
Ids
Drain Current
Idss
60mA
Igsf
Forward Gate Current
2mA
0.3mA
Pin
Input Power
12dBm
@1dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
285mW
240mW
Notes: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EPB018B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
logo
Excelics Semiconductor,...
EPB018A5 EXCELICS-EPB018A5 Datasheet
42Kb / 3P
Super Low Noise High Gain Heterojunction FET
logo
List of Unclassifed Man...
EPB018A5-70 ETC-EPB018A5-70 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPB018A7-70 ETC-EPB018A7-70 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPB018A9-70 ETC-EPB018A9-70 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
More results

Similar Description - EPB018B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
Excelics Semiconductor,...
EPB018A5 EXCELICS-EPB018A5 Datasheet
42Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB025A EXCELICS-EPB025A Datasheet
26Kb / 2P
Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com