Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB025A Datasheet (PDF) - Excelics Semiconductor, Inc.

EPB025A Datasheet PDF - Excelics Semiconductor, Inc.
Part # EPB025A
Download  EPB025A Download
File Size   26.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description Low Noise High Gain Heterojunction FET

EPB025A Datasheet (PDF)

Go To PDF Page Download Datasheet
EPB025A Datasheet PDF - Excelics Semiconductor, Inc.

Part # EPB025A
Download  EPB025A Click to download

File Size   26.08 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description Low Noise High Gain Heterojunction FET

EPB025A Datasheet (HTML) - Excelics Semiconductor, Inc.


EPB025A Product details

Low Noise High Gain Heterojunction FET

• TYPICAL 0.8dB NOISE FIGURE AND 11.0dB ASSOCIATED GAIN AT 12GHz
• 0.3 X 250 MICRON RECESSED “MUSHROOM” GATE
• Si3N4 PASSIVATION
• ADVANCED EPITAXIAL DOPING PROFILE PROVIDES SUPER LOW NOISE, HIGH GAIN AND HIGH RELIABILITY
• Idss SORTED IN 5mA PER BIN RANGE




Similar Part No. - EPB025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Excelics Semiconductor,...
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
More results


Similar Description - EPB025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
High Efficiency Heterojunction Power FET
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Excelics Semiconductor,...
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPB018B5 EXCELICS-EPB018B5 Datasheet
99Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB018A5 EXCELICS-EPB018A5 Datasheet
42Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Inchange Semiconductor ...
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com