Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB025A Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPB025A
Description  Low Noise High Gain Heterojunction FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB025A Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPB025A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB025A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPB025A
DATA SHEET
Low Noise High Gain Heterojunction FET
•
TYPICAL 0.8dB NOISE FIGURE AND 11.0dB ASSOCIATED
GAIN AT 12GHz
•
0.3 X 250 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL DOPING PROFILE PROVIDES
SUPER LOW NOISE, HIGH GAIN AND HIGH
RELIABILITY
•
Idss SORTED IN 5mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
NF
Noise Figure
f = 12GHz
Vds=2V, Ids=15mA
0.80
1.0
dB
Ga
Associated Gain
f = 12GHz
Vds=2V, Ids=15mA
10.0
11.0
dB
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=3V, Ids=25mA
f=18GHz
15.0
15.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=3V, Ids=25mA
f=18GHz
13.0
11.0
dB
Idss
Saturated Drain Current
Vds=2V, Vgs=0V
20
50
80
mA
Gm
Transconductance
Vds=2V, Vgs=0V
50
80
mS
Vp
Pinch-off Voltage
Vds=2V, Ids=1.0mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=10uA
-3
-5
V
BVgs
Source Breakdown Voltage Igs=10uA
-3
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
155
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
5V
3V
Vgs
Gate-Source Voltage
-3V
-3V
Ids
Drain Current
Idss
Idss
Igsf
Forward Gate Current
2mA
0.3mA
Pin
Input Power
12dBm
@ 1dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
880mW
730mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
50
48
50
40
59
78
104
420
260
90
DD
G
G
S
S


Similar Part No. - EPB025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Excelics Semiconductor,...
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
More results

Similar Description - EPB025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
High Efficiency Heterojunction Power FET
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Excelics Semiconductor,...
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPB018B5 EXCELICS-EPB018B5 Datasheet
99Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB018A5 EXCELICS-EPB018A5 Datasheet
42Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
logo
Inchange Semiconductor ...
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com