Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB025A Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPB025A
Description  Low Noise High Gain Heterojunction FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB025A Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPB025A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB025A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPB025A
DATA SHEET
Low Noise High Gain Heterojunction FET
S-PARAMETERS
2V, 15mA
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.996
-16.0
6.346
166.8
0.028
79.1
0.653
-11.5
2.0
0.968
-31.7
6.153
155.3
0.054
71.3
0.633
-23.4
3.0
0.928
-47.3
5.875
143.9
0.076
61.7
0.604
-35.0
4.0
0.884
-62.7
5.535
132.9
0.095
53.2
0.568
-46.3
5.0
0.836
-78.0
5.137
122.0
0.109
44.4
0.517
-57.9
6.0
0.800
-91.3
4.714
112.8
0.118
37.8
0.485
-67.7
7.0
0.775 -102.9
4.315
104.5
0.125
32.1
0.457
-76.6
8.0
0.749 -113.2
3.933
97.1
0.129
26.8
0.437
-84.2
9.0
0.732 -121.7
3.615
90.5
0.131
22.1
0.419
-90.4
10.0
0.714 -128.3
3.325
85.0
0.131
18.4
0.407
-94.7
11.0
0.701 -134.6
3.112
79.5
0.133
15.2
0.403
-98.8
12.0
0.694 -140.2
2.928
74.6
0.135
12.3
0.400 -102.2
13.0
0.680 -146.4
2.780
69.3
0.137
8.9
0.392 -105.8
14.0
0.666 -153.4
2.660
64.5
0.139
5.8
0.385 -109.1
15.0
0.659 -161.2
2.582
59.0
0.143
2.3
0.377 -112.9
16.0
0.654 -170.0
2.500
52.9
0.147
-1.0
0.367 -118.7
17.0
0.652
179.4
2.408
46.3
0.151
-5.3
0.352 -125.3
18.0
0.662
168.5
2.313
39.5
0.154
-9.7
0.333 -133.9
19.0
0.672
157.8
2.196
32.6
0.155
-14.0
0.319 -142.6
20.0
0.690
147.9
2.072
25.4
0.155
-18.4
0.312 -153.7
21.0
0.716
144.2
1.873
20.3
0.149
-21.0
0.336 -166.1
22.0
0.729
138.6
1.741
15.2
0.145
-23.6
0.347 -173.4
23.0
0.758
134.9
1.629
10.2
0.144
-25.9
0.372 -178.6
24.0
0.760
133.3
1.524
6.1
0.140
-26.5
0.389
178.0
25.0
0.775
131.2
1.456
2.4
0.137
-27.7
0.415
176.2
26.0
0.786
131.9
1.403
-0.9
0.137
-27.1
0.431
176.0
27.0
0.768
131.4
1.345
-3.6
0.139
-27.2
0.449
176.4
28.0
0.766
132.0
1.307
-6.2
0.140
-27.0
0.455
177.4
29.0
0.755
131.6
1.302
-9.7
0.143
-27.0
0.471
177.2
30.0
0.740
129.3
1.292
-13.1
0.147
-27.8
0.470
178.1
31.0
0.717
125.8
1.280
-17.2
0.150
-29.8
0.472
177.2
32.0
0.695
119.5
1.274
-22.5
0.150
-33.0
0.467
175.7
33.0
0.668
111.8
1.236
-28.2
0.148
-37.2
0.447
171.3
34.0
0.663
101.3
1.203
-34.3
0.144
-43.3
0.428
166.4
35.0
0.672
91.2
1.157
-40.4
0.139
-48.5
0.406
157.1
36.0
0.717
79.6
1.108
-46.5
0.134
-56.5
0.405
146.8
37.0
0.762
71.7
1.039
-53.2
0.128
-63.5
0.410
133.6
38.0
0.807
64.5
0.975
-59.6
0.121
-72.3
0.432
122.7
39.0
0.847
60.0
0.898
-65.7
0.112
-81.9
0.462
112.1
40.0
0.858
57.7
0.793
-70.7
0.107
-89.8
0.503
106.4
Note:
The data included 0.7 mils diameter Au bonding wires:
2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 4 source wires, 7 mils each.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com