Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC4227 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC4227
Download  2SC4227 Download
File Size   172.26 Kbytes
Page   8 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise, High Gain

2SC4227 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4227 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC4227
Download  2SC4227 Click to download

File Size   172.26 Kbytes
Page   8 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise, High Gain

2SC4227 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC4227 Product details

DESCRIPTION
• Low Noise
    NF = 1.4 dB TYP., @VCE = 3 V, IC = 7 mA, f = 1.0 GHz
• High Gain
    ︱ S21e︱ 2 = 12 dB TYP. @VCE = 3 V, IC = 7 mA, f = 1.0 GHz

APPLICATIONS
• Designed for VHF, UHF low noise amplifier.




Similar Part No. - 2SC4227

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
212Kb / 14P
Silicon Transistor
1997
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
More results


Similar Description - 2SC4227

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19D ASB-ASL19D Datasheet
430Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
High Gain, Low Noise Amplifier
June 2014
ASL5463 ASB-ASL5463 Datasheet
440Kb / 10P
High Gain, Low Noise Amplifier
June 2014
logo
List of Unclassifed Man...
ANT-GPS-UC-SMA ETC2-ANT-GPS-UC-SMA Datasheet
222Kb / 1P
High-gain, low-noise design
logo
Inchange Semiconductor ...
2SC5064 ISC-2SC5064 Datasheet
326Kb / 7P
Low Noise and High Gain
logo
Yea Shin Technology Co....
2SC3356 YEASHIN-2SC3356 Datasheet
860Kb / 4P
Low Noise and High Gain
logo
Advanced Semiconductor ...
ASL54T8 ASB-ASL54T8_17 Datasheet
664Kb / 16P
High Gain, Low Noise Amplifier
January 2017
AST54S ASB-AST54S_17 Datasheet
2Mb / 26P
High Gain, Low Noise Amplifier
April 2017
ASL5563 ASB-ASL5563 Datasheet
429Kb / 10P
High Gain, Low Noise Amplifier
January 2017
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com