Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC4227
Description  Low Noise, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4227 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC4227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
6
isc Silicon NPN RF Transistor
2SC4227
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.818
–29.4
14.580
156.2
0.023
79.9
0.932
–14.4
200
0.689
–54.3
12.120
137.5
0.040
65.1
0.824
–23.4
300
0.594
–73.1
10.142
124.6
0.052
55.0
0.716
–30.3
400
0.500
–89.8
8.340
114.4
0.063
58.5
0.620
–32.2
500
0.457
–102.8
7.300
107.5
0.069
56.4
0.577
–34.2
600
0.404
–115.0
6.211
101.0
0.081
54.9
0.525
–35.1
700
0.377
–124.4
5.496
96.8
0.084
59.5
0.511
–36.1
800
0.359
–134.3
4.908
91.4
0.091
58.4
0.471
–36.2
900
0.342
–141.5
4.450
88.1
0.097
58.4
0.458
–35.3
1000
0.335
–150.3
4.018
84.7
0.100
61.2
0.440
–36.5
1100
0.326
–155.9
3.750
81.4
0.112
61.8
0.442
–36.8
1200
0.321
–162.4
3.410
78.1
0.115
61.4
0.417
–37.8
1300
0.317
–167.2
3.181
75.6
0.124
62.3
0.412
–38.5
1400
0.321
–173.4
2.995
72.5
0.131
63.9
0.411
–39.9
1500
0.318
–177.5
2.802
69.8
0.138
63.6
0.407
–40.4
1600
0.320
176.6
2.665
67.3
0.149
66.4
0.400
–41.1
1700
0.323
173.2
2.533
66.1
0.156
65.3
0.394
–43.7
1800
0.326
167.8
2.369
63.0
0.162
65.9
0.394
–44.3
1900
0.331
165.6
2.275
61.0
0.177
65.4
0.390
–45.5
2000
0.333
161.4
2.196
59.2
0.183
64.5
0.384
–47.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com