Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC4227
Description  Low Noise, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4227 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

  2SC4227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INCHANGE Semiconductor
isc RF Product Specification
7
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4227
S-PARAMETER
VCE = 3 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.906
–22.7
9.710
161.6
0.026
82.5
0.962
–10.6
200
0.810
–43.7
8.541
145.3
0.049
63.8
0.895
–18.3
300
0.742
–60.6
7.695
133.4
0.062
58.7
0.811
–25.8
400
0.638
–76.6
6.580
122.4
0.073
56.0
0.732
–27.7
500
0.587
–89.8
5.934
114.1
0.082
53.4
0.680
–31.2
600
0.524
–102.2
5.148
107.1
0.091
49.7
0.624
–33.5
700
0.490
–111.4
4.627
102.2
0.094
51.8
0.603
–34.4
800
0.460
–121.4
4.181
96.0
0.099
51.2
0.568
–35.0
900
0.435
–129.9
3.827
92.6
0.101
52.9
0.540
–35.7
1000
0.427
–138.2
3.443
88.1
0.107
50.9
0.523
–36.7
1100
0.404
–144.9
3.199
84.2
0.115
53.7
0.512
–36.8
1200
0.399
–151.7
2.989
79.8
0.113
56.6
0.500
–38.6
1300
0.392
–157.9
2.779
77.4
0.121
54.9
0.489
–39.2
1400
0.392
–163.6
2.638
73.5
0.126
56.4
0.483
–40.4
1500
0.386
–169.1
2.443
71.3
0.135
56.4
0.477
–41.8
1600
0.380
–174.5
2.344
68.0
0.137
60.0
0.477
–42.4
1700
0.382
–179.7
2.239
65.3
0.143
59.5
0.466
–44.4
1800
0.389
176.1
2.113
63.0
0.151
59.4
0.461
–44.9
1900
0.383
172.5
2.025
61.4
0.154
62.6
0.456
–46.9
2000
0.387
168.3
1.922
58.2
0.163
62.0
0.464
–48.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com