Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 8 Page - Inchange Semiconductor Company Limited

Part # 2SC4227
Description  Low Noise, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4227 Datasheet(HTML) 8 Page - Inchange Semiconductor Company Limited

  2SC4227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
8
isc Silicon NPN RF Transistor
2SC4227
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
1.009
–14.5
3.544
168.8
0.027
78.6
0.994
–5.6
200
0.955
–29.7
3.359
156.3
0.055
73.6
0.969
–10.1
300
0.937
–42.6
3.277
147.1
0.073
63.4
0.947
–15.9
400
0.864
–56.2
3.034
136.6
0.091
57.7
0.898
–18.8
500
0.838
–67.3
2.891
128.6
0.107
51.1
0.865
–22.1
600
0.775
–79.3
2.674
120.0
0.116
46.6
0.824
–25.8
700
0.745
–88.5
2.485
114.2
0.125
45.2
0.803
–27.5
800
0.708
–99.1
2.338
106.8
0.127
41.2
0.776
–29.7
900
0.670
–107.9
2.177
101.4
0.132
40.2
0.740
–31.5
1000
0.649
–116.8
2.052
96.0
0.135
37.2
0.723
–33.7
1100
0.621
–124.0
1.914
90.8
0.131
36.6
0.719
–34.2
1200
0.608
–131.8
1.819
86.0
0.129
35.4
0.700
–36.3
1300
0.587
–138.5
1.713
82.4
0.130
35.2
0.691
–37.6
1400
0.587
–144.5
1.628
77.7
0.128
36.1
0.681
–39.2
1500
0.573
–152.6
1.533
73.4
0.127
36.0
0.662
–40.7
1600
0.559
–157.1
1.464
70.3
0.124
37.5
0.660
–42.7
1700
0.562
–164.2
1.421
67.2
0.120
39.1
0.658
–44.0
1800
0.557
–168.9
1.350
64.7
0.122
43.3
0.658
–46.0
1900
0.557
–173.9
1.296
61.1
0.122
45.2
0.641
–47.8
2000
0.551
–178.6
1.240
58.0
0.124
48.5
0.643
–50.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com