Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4227
Description  Low Noise, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4227 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4227 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4227
S-PARAMETER
VCE = 3 V, IC = 7 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.804
–23.8
11.631
154.8
0.023
74.8
0.920
–16.5
200
0.692
–48.6
10.839
137.5
0.040
64.1
0.791
–27.7
300
0.581
–70.3
9.722
123.8
0.050
59.9
0.675
–33.5
400
0.489
–89.0
8.519
112.9
0.060
56.7
0.597
–37.0
500
0.419
–104.9
7.434
104.1
0.067
55.9
0.538
–38.7
600
0.376
–117.1
6.468
97.5
0.075
55.6
0.497
–40.0
700
0.342
–128.6
5.729
91.8
0.082
55.7
0.467
–41.0
800
0.321
–138.4
5.115
86.7
0.089
56.3
0.443
–41.7
900
0.305
–147.3
4.630
82.5
0.096
56.1
0.427
–42.5
1000
0.296
–155.2
4.207
78.5
0.104
56.4
0.412
–43.6
1100
0.289
–162.2
3.879
74.8
0.111
56.0
0.401
–44.6
1200
0.284
–169.3
3.595
71.4
0.119
56.4
0.393
–45.8
1300
0.282
–175.3
3.349
68.1
0.127
56.2
0.384
–47.3
1400
0.281
179.0
3.133
64.8
0.136
56.0
0.379
–48.8
1500
0.283
173.8
2.945
61.9
0.143
55.4
0.372
–50.1
1600
0.283
168.6
2.780
58.8
0.151
55.0
0.367
–51.8
1700
0.285
163.8
2.631
56.2
0.160
54.4
0.363
–53.7
1800
0.286
159.9
2.514
53.3
0.168
53.9
0.359
–55.4
1900
0.289
155.4
2.390
50.5
0.177
53.3
0.354
–57.3
2000
0.293
151.8
2.293
47.8
0.186
52.5
0.351
–59.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com