Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4402 Datasheet(PDF) 11 Page - A1 PROs co., Ltd.

Part # AI4402
Description  Signal Processor for CCD Monochrome Camera
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4402 Datasheet(HTML) 11 Page - A1 PROs co., Ltd.

Back Button AI4402 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 14Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Ai4402
Test Circuit I/O Waveform Diagram
Input waveform
Input level
Input level
Input level
2.4V
2.5V
22. DATA
11.
γ IN
7. DRIVER IN
4. SYNC
29. BLK
30. CLP1
25. CLP2
12. AGC OUT
8.
γ 1, 2 OUT
9. LINEAR
13. DET OUT
27. IRIS
32. VIDEO
2.7V
5V
0V
5V
0V
Input pin
5
µs
15
µs
2
µs
50
µs
Test
Test
Test
Test
Test
Test
Output waveform
SYNC level
5V
0V
2
µs
5V
0V
Output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com