Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4402 Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # AI4402
Description  Signal Processor for CCD Monochrome Camera
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4402 Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button AI4402 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 14Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Ai4402
Characteristic Curve (Vcc=5V, Ta=25
)
°C
Fig.1 - AGC control characteristics
Fig.2 - AGC MAX control characteristics
30
20
10
0
1
2
3
4
5
AGC CONT (V)
40
30
20
10
0
1
2
3
4
5
AGC MAX (V)
Fig.3B -
γ 2 I/O characteristics
1000
500
0
500
1000
γ IN input level (mV)
Fig.3A -
γ 1 I/O characteristics
1000
500
0
500
1000
γ IN input level (mV)
Fig.4 - White Clip control characteristics
1000
800
0
1
2
3
4
5
WC CONT (V)
600
400
Preset
Fig.5 - Dark clip control characteristics
50
0
1
2
3
4
5
DC CONT (V)
Preset
Preset
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com