Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFA080A Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EFA080A
Description  Low Distortion GaAs Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EFA080A Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EFA080A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EFA080A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EFA080A
DATA SHEET
Low Distortion GaAs Power FET
•
+26.0dBm TYPICAL OUTPUT POWER
•
10.0dB TYPICAL POWER GAIN AT 12GHz
•
0.3 X 800 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
•
Idss SORTED IN 15mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
24.0
26.0
26.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
8.0
10.0
7.5
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
35
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
130
210
300
mA
Gm
Transconductance
Vds=3V, Vgs=0V
90
120
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=2.0mA
-2.0
-3.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-12
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
55
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-4V
Ids
Drain Current
Idss
260mA
Igsf
Forward Gate Current
20mA
4mA
Pin
Input Power
25dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
2.5 W
2.1 W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
50
48
100
50
95
40
340
510
116
80
D
D
G
G
S
SS


Similar Part No. - EFA080A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA080A ETC-EFA080A Datasheet
32Kb / 2P
Low Distortion GaAs Power FET
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
Low Distortion GaAs Power FET
EFA080A-70 ETC1-EFA080A-70 Datasheet
25Kb / 2P
Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA080A-70 EXCELICS-EFA080A-70 Datasheet
23Kb / 2P
Low Distortion GaAs Power FET
More results

Similar Description - EFA080A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
Low Distortion GaAs Power FET
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
Low Distortion GaAs Power FET
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
Low Distortion GaAs Power FET
EFA240B EXCELICS-EFA240B Datasheet
39Kb / 2P
Low Distortion GaAs Power FET
EFA240D EXCELICS-EFA240D Datasheet
24Kb / 2P
Low Distortion GaAs Power FET
EFA480C EXCELICS-EFA480C Datasheet
28Kb / 2P
Low Distortion GaAs Power FET
EFC120B EXCELICS-EFC120B Datasheet
28Kb / 2P
Low Distortion GaAs Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com